Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42750MLAA Datasheet (PDF) - Peregrine Semiconductor Corp.

PE42750MLAA Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE42750MLAA
Download  PE42750MLAA Download
File Size   634.07 Kbytes
Page   9 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation

PE42750MLAA Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42750MLAA Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE42750MLAA
Download  PE42750MLAA Click to download

File Size   634.07 Kbytes
Page   9 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation

PE42750MLAA Datasheet (HTML) - Peregrine Semiconductor Corp.


PE42750MLAA Product details

Product Description

The PE42750 is an SPDT UltraCMOS™ Switch designed for Broadband applications such as CATV,

DTV, Multi-Tuner Digital Video Recorder (DVR ), Set-top Box, PCTV and Video Game Consoles. The PE42750 meets FCC 15.115 specification of 80 dB isolation at 216 MHz in both powered and unpowered states. The PE42750 covers a broad frequency range from 5 MHz to 2200 MHz with a single positive supply and CMOS control. The PE42750 provides a smaller, cost effective, more reliable and manufacturable alternative to mechanical relays in set-top box appliFeatures



Features

•  Meets FCC 15.115 isolation specification

•  All ports terminated when unpowered

•  2000 V HBM ESD tolerance, all ports

•  High isolation: 63 dB at 1000 MHz

•  Low insertion loss, typical:

•  0.7 dB at 5 MHz

•  1.0 dB at 1000 MHz

•  CMOS single-pin control with logic select

•  Single +3 volt supply operation

•  Low current consumption: 8 µA

•  Absorptive Switch Design cations.



 




Similar Part No. - PE42750MLAA

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42750MLAA-Z PSEMI-PE42750MLAA-Z Datasheet
518Kb / 10P
75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch Featuring Unpowered Operation
More results


Similar Description - PE42750MLAA

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
logo
SIPAT Co,Ltd
SP42742 SIPAT-SP42742 Datasheet
1,010Kb / 5P
75  Terminated, 5 - 2200 MHz SPDT
logo
Peregrine Semiconductor
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE42750 PSEMI-PE42750_14 Datasheet
1Mb / 10P
75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
326Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT
PE42750 PEREGRINE-PE42750 Datasheet
450Kb / 10P
75 廓 Terminated 5 - 2200 MHz SPDT
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE42750MLAA-Z PSEMI-PE42750MLAA-Z Datasheet
518Kb / 10P
75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch Featuring Unpowered Operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com