Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817 Datasheet (PDF) - Sharp Corporation

PC817 Datasheet PDF - Sharp Corporation
Part # PC817
Download  PC817 Download
File Size   549.86 Kbytes
Page   11 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DEVICE SPECIFICATION FOR PHOTOCOUPLER

PC817 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC817 Datasheet PDF - Sharp Corporation

Part # PC817
Download  PC817 Click to download

File Size   549.86 Kbytes
Page   11 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DEVICE SPECIFICATION FOR PHOTOCOUPLER

PC817 Datasheet (HTML) - Sharp Corporation


PC817 Product details

PC817X Seriescontains an IRED optically coupled to a phototransistor. ( PC817A, PC817B, PC817C, PC817D ) It is packaged in a 4pin DIP, available in wide-lead spacing option and SMT gullwing lead-form option. Input-output isolation voltage(rms) is 5.0kV.Collector-emitter voltage is 80V(*) and CTR is 50% to 600% at input current of 5mA.

PC817: 1-channel type
PC827: 2-channel type
PC837: 3-channel type
PC847: 4-channel type




Similar Part No. - PC817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817 SHARP-PC817 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC817 SHARP-PC817 Datasheet
511Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
June 14, 1996
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
High isolation voltage between inputand output (Viso=5000 V rms )
logo
First Silicon Co., Ltd
PC817 FS-PC817 Datasheet
140Kb / 4P
1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
2016. 07. 30 Rev No : 0
More results


Similar Description - PC817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123A SHARP-PC123A Datasheet
714Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC354 SHARP-PC354 Datasheet
751Kb / 14P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC357NT SHARP-PC357NT Datasheet
741Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3H4A SHARP-PC3H4A Datasheet
660Kb / 14P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3Q64 SHARP-PC3Q64 Datasheet
588Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3Q67 SHARP-PC3Q67 Datasheet
580Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC814X SHARP-PC814X Datasheet
356Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V SHARP-PC900V Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V0NSZX SHARP-PC900V0NSZX Datasheet
752Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC412S SHARP-PC412S Datasheet
443Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com