Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1099U Datasheet (PDF) - Maxim Integrated Products

DS1099U Datasheet PDF - Maxim Integrated Products
Part # DS1099U
Download  DS1099U Download
File Size   119.64 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Frequency Dual EconOscillator

DS1099U Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1099U Datasheet PDF - Maxim Integrated Products

Part # DS1099U
Download  DS1099U Click to download

File Size   119.64 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Frequency Dual EconOscillator

DS1099U Datasheet (HTML) - Maxim Integrated Products


DS1099U Product details

General Description

The DS1099 is a low-cost, low-power, low-frequency silicon oscillator that generates two square-wave outputs with frequencies between 0.25Hz and 1.048MHz. Individual output enables allow both outputs to be enabled/disabled independently. Both outputs are capable of sinking 16mA, allowing them to directly interface to light-emitting diodes (LEDs) as well as other external circuitry. The DS1099 operates over a wide supply voltage, making it suitable for both 3V and 5V systems. The device is shipped from the factory custom programmed and calibrated, ready to be inserted into the end application.



Features

♦ Low-Cost, Low-Frequency EconOscillator™ with Dual Outputs

♦ Factory Programmed

♦ Output Frequencies Independently Programmable from 0.25Hz to 1.048MHz

♦ 2.7V to 5.5V Single-Supply Operation

♦ No External Timing Components Required

♦ Independent Output Enables

♦ CMOS/TTL-Compatible Outputs

♦ Oscillator Outputs Capable of Sinking 16mA to Directly Drive LEDs

♦ Relieves Microprocessor of Periodic Interrupt

♦ Low-Power Consumption

♦ Operating Temperature Range: -40°C to +125°C

♦ ±100ppm/°C Temp Drift (MAX)



Applications

  Flashing LED Status Indicators

  Consumer Appliances

  Automotive

  Servers

  Printers

  Switch-Mode Power Supplies



 




Similar Part No. - DS1099U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1099U DALLAS-DS1099U Datasheet
78Kb / 6P
Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099U-AOA1 MAXIM-DS1099U-AOA1 Datasheet
413Kb / 7P
Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
More results


Similar Description - DS1099U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
EconOscillator Frequency Synthesizer
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
Low-Frequency Dual EconOscillator
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090 Datasheet
998Kb / 8P
Low-Frequency, Spread-Spectrum EconOscillator
Rev 0; 4/04
DS1090 MAXIM-DS1090_07 Datasheet
202Kb / 8P
Low-Frequency, Spread-Spectrum EconOscillator
Rev 1; 2/07
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
EconOscillator Frequency Synthesizer
051506
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com