Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5391 Datasheet (PDF) - Diotec Semiconductor

1N5391 Datasheet PDF - Diotec Semiconductor
Part # 1N5391_09
Download  1N5391 Download
File Size   95.08 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden

1N5391 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5391 Datasheet PDF - Diotec Semiconductor

Part # 1N5391_09
Download  1N5391 Click to download

File Size   95.08 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden

1N5391 Datasheet (HTML) - Diotec Semiconductor


1N5391 Product details

• Nominal current                                1.5 A
• Repetitive peak reverse voltage       50...1000 V
• Plastic case                                       DO-15(DO-204AC)
• Weight approx.                                  0.4 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - 1N5391_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Fairchild Semiconductor
1N5391 FAIRCHILD-1N5391_09 Datasheet
101Kb / 3P
General Purpose Rectifiers
More results


Similar Description - 1N5391_09

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_09 Datasheet
96Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_10 Datasheet
96Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
BYW27-50 DIOTEC-BYW27-50_09 Datasheet
96Kb / 2P
Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
P600A DIOTEC-P600A_11 Datasheet
97Kb / 2P
Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
PX1500A DIOTEC-PX1500A Datasheet
98Kb / 2P
Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_13 Datasheet
97Kb / 2P
Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
1N5059 DIOTEC-1N5059_14 Datasheet
96Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
6A05 DIOTEC-6A05_13 Datasheet
91Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
10A05 DIOTEC-10A05_13 Datasheet
91Kb / 2P
Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
P2500T DIOTEC-P2500T_13 Datasheet
105Kb / 2P
Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com