Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40FS Datasheet (PDF) - Diotec Semiconductor

B40FS Datasheet PDF - Diotec Semiconductor
Part # B40FS_10
Download  B40FS Download
File Size   120.28 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast switching Surface Mount Si-Bridge-Rectifiers

B40FS Datasheet (PDF)

Go To PDF Page Download Datasheet
B40FS Datasheet PDF - Diotec Semiconductor

Part # B40FS_10
Download  B40FS Click to download

File Size   120.28 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast switching Surface Mount Si-Bridge-Rectifiers

B40FS Datasheet (HTML) - Diotec Semiconductor


B40FS Product details

• Nominal current                  1 A
• Alternating input voltage     40...380 V
• Plastic case SO-DIL “SLIM“   8.3 x 6.4 x 3.1 [mm]
• Weight approx.                   0.4 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - B40FS_10

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40FS DIOTEC-B40FS_13 Datasheet
124Kb / 2P
?쏶lim??Profile Fast switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
125Kb / 2P
Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_18 Datasheet
188Kb / 2P
Fast Recovery SMD Bridge Rectifier
More results


Similar Description - B40FS_10

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FR2A DIOTEC-FR2A Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
B40FS DIOTEC-B40FS Datasheet
140Kb / 2P
Fast Switching Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40FS SEMIKRON-B40FS Datasheet
165Kb / 2P
Fast Switching Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
FR1A DIOTEC-FR1A_07 Datasheet
102Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
FR3A DIOTEC-FR3A_07 Datasheet
105Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
S40F DIOTEC-S40F Datasheet
113Kb / 2P
Fast Switching Surface Mount Si-Bridge-Rectifiers
SA154 DIOTEC-SA154_07 Datasheet
73Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
S40F DIOTEC-S40F_10 Datasheet
122Kb / 2P
"Slim" Profile Fast Switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
124Kb / 2P
?쏶lim??Profile Fast switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
125Kb / 2P
Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com