Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ05RF2 Datasheet (PDF) - Sharp Corporation

PQ05RF2 Datasheet PDF - Sharp Corporation
Part # PQ05RF2
Download  PQ05RF2 Download
File Size   69.22 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 2A Output, Low Power-Loss Voltage Regulators

PQ05RF2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ05RF2 Datasheet PDF - Sharp Corporation

Part # PQ05RF2
Download  PQ05RF2 Click to download

File Size   69.22 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 2A Output, Low Power-Loss Voltage Regulators

PQ05RF2 Datasheet (HTML) - Sharp Corporation


PQ05RF2 Product details

2A Output, Low Power-Loss Voltage Regulators

■ Features
● Low power-loss(Dropout voltage: MAX. 0.5V)
● Compact resin full-mold package.
● Built-in ON/OFF control terminal(PQ05RF2/PQ05RF21 series)
● Built-in output voltage minute adjustment terminal(ripple rejection is improved)(PQ05RF2V series)

■ Applications
● Series power supply for various electronic equipment such as VCRs, electronic munic instruments




Similar Part No. - PQ05RF2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF2 SHARP-PQ05RF2 Datasheet
91Kb / 8P
Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2 Datasheet
96Kb / 9P
2A Output, Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF2V SHARP-PQ05RF2/PQ05RF2V Datasheet
91Kb / 8P
Low Power-Loss Voltage Regulators
PQ05RF21 SHARP-PQ05RF21 Datasheet
91Kb / 8P
Low Power-Loss Voltage Regulators
PQ05RF21 SHARP-PQ05RF21 Datasheet
96Kb / 9P
2A Output, Low Power-Loss Voltage Regulators
More results


Similar Description - PQ05RF2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
1A Output Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1 Datasheet
50Kb / 6P
1.5A Output, Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
Variable Output Low Power-Loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
2A Output Low Dropout Voltage Regulators
logo
Sharp Corporation
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
1A Output Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2_01 Datasheet
96Kb / 9P
2A Output, Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1_01 Datasheet
68Kb / 7P
1.5A Output, Low Power-Loss Voltage Regulators
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
TO-220 Type,2A Output Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com