Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ05RR12 Datasheet (PDF) - Sharp Corporation

PQ05RR12 Datasheet PDF - Sharp Corporation
Part # PQ05RR12
Download  PQ05RR12 Download
File Size   39.59 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)

PQ05RR12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ05RR12 Datasheet PDF - Sharp Corporation

Part # PQ05RR12
Download  PQ05RR12 Click to download

File Size   39.59 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)

PQ05RR12 Datasheet (HTML) - Sharp Corporation


PQ05RR12 Product details

■ Features
● Compact resin full-mold package
● Low power-loss (Dropout voltage : MAX. 0.5V)
● The regulators are provided with reset signal generating function
   to prevent errors of microcomputer when input voltage is applied
   and output voltage drops.
● High-precision output type
   (Output Voltage precision : ±2.5%) (PQ05RR13)

■ Applications
● Series power supply for equipment such as TVs, VCRs and
   electronic music instruments




Similar Part No. - PQ05RR12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05RR11 SHARP-PQ05RR11 Datasheet
45Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05RR1B SHARP-PQ05RR1B Datasheet
45Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
More results


Similar Description - PQ05RR12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05NF1 SHARP-PQ05NF1 Datasheet
47Kb / 5P
1A Output, General Purpose Low Power-Loss Voltage Regulators
PQ05RB11 SHARP-PQ05RB11 Datasheet
33Kb / 4P
Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
1A Output Low Power-Loss Voltage Regulators
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05SZ5 SHARP-PQ05SZ5 Datasheet
53Kb / 7P
Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)
PQ15RF15 SHARP-PQ15RF15 Datasheet
39Kb / 4P
1A Output, Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
1A Output Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
TO-220 Type,1A Output Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com