Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK22 Datasheet (PDF) - Diotec Semiconductor

SK22 Datasheet PDF - Diotec Semiconductor
Part # SK22_11
Download  SK22 Download
File Size   100.64 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky Rectifier Diodes

SK22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK22 Datasheet PDF - Diotec Semiconductor

Part # SK22_11
Download  SK22 Click to download

File Size   100.64 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky Rectifier Diodes

SK22 Datasheet (HTML) - Diotec Semiconductor


SK22 Product details

• Nominal current                  2 A
• Repetitive peak reverse voltage 20...100 V
• Plastic case 
    ~ SMB
    ~ DO-214AA
• Weight approx.                     0.1 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - SK22_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK22 MCC-SK22_11 Datasheet
275Kb / 4P
2 Amp Schottky Rectifier 20 to 100 Volts
More results


Similar Description - SK22_11

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SGL34-20 DIOTEC-SGL34-20_11 Datasheet
101Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_11 Datasheet
120Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420 Datasheet
109Kb / 2P
Surface Mount Schottky Rectifier Diodes
PPS1520 DIOTEC-PPS1520 Datasheet
150Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK12 DIOTEC-SK12_14 Datasheet
119Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_13 Datasheet
121Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK52 DIOTEC-SK52_14 Datasheet
112Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK82 DIOTEC-SK82_14 Datasheet
113Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK310SMB DIOTEC-SK310SMB Datasheet
97Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420_14 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifier Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com