Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3660 Datasheet (PDF) - Maxim Integrated Products

MAX3660 Datasheet PDF - Maxim Integrated Products
Part # MAX3660
Download  MAX3660 Download
File Size   250.99 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Analog CATV Transimpedance Amplifier

MAX3660 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3660 Datasheet PDF - Maxim Integrated Products

Part # MAX3660
Download  MAX3660 Click to download

File Size   250.99 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Analog CATV Transimpedance Amplifier

MAX3660 Datasheet (HTML) - Maxim Integrated Products


MAX3660 Product details

General Description

The MAX3660 high-linearity analog RF transimpedance amplifier (TIA) is intended for passive optical network (PON) video receiver applications. With 66dBΩ maximum variable gain and integrated uptilt, the MAX3660 provides 23dBmV/channel ±1dB at 870MHz (19dBmV/channel at 47MHz) for optical inputs between +2dBm to -8dBm (at 4.2% OMI) using simple feed-for ward automatic gain control (AGC). It can also be configured with feedback AGC for even greater dynamic range. CNR is better than 48dB from 47MHz to 870MHz (1.0A/W photodiode and -165dB/Hz RIN) at -8dBm with 4.2% OMI, or -6dBm with 3.3% OMI. CSO and CTB are better than -61dBc and -65dBc, respectively. The device supports extended frequency operation to > 1000MHz.



Features

♦ Pin Compatible with MAX3654

♦ Operates to > 1000MHz

♦ 23dBmV/ch Output at 870MHz

♦ 4.5pA/Hz1/2 Amplifier EIN without Photodiode

♦ 58dBm OIP2

♦ 24dBm OIP3

♦ No Input Matching Required

♦ Single +5V Supply

♦ 650mW Dissipation

♦ -40°C to +85°C Operating Temperature Range



Applications

FTTH Optical Network Termination (ONT)




Similar Part No. - MAX3660

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX366-MAX367 MAXIM-MAX366-MAX367 Datasheet
103Kb / 12P
Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX3663 MAXIM-MAX3663 Datasheet
271Kb / 13P
3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
MAX3663ETG MAXIM-MAX3663ETG Datasheet
271Kb / 13P
3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
MAX3663ETG+ MAXIM-MAX3663ETG+ Datasheet
271Kb / 13P
3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
More results


Similar Description - MAX3660

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 0
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
logo
Maxim Integrated Produc...
MAX3654 MAXIM-MAX3654 Datasheet
622Kb / 8P
47MHz to 870MHz Analog CATV Transimpedance Amplifier
Rev 0; 7/05
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
AGC Transimpedance Amplifier
Rev 1
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
integrated transimpedance amplifier
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
Transimpedance Amplifier
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com