Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ1S30 Datasheet (PDF) - Sharp Corporation

PQ1S30 Datasheet PDF - Sharp Corporation
Part # PQ1S30
Download  PQ1S30 Download
File Size   23.33 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Power-Loss Voltage Regulator

PQ1S30 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ1S30 Datasheet PDF - Sharp Corporation

Part # PQ1S30
Download  PQ1S30 Click to download

File Size   23.33 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Power-Loss Voltage Regulator

PQ1S30 Datasheet (HTML) - Sharp Corporation


PQ1S30 Product details

Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators

■ General Description
Sharps PQ1S30 series are 180mA output, compact resin mold surface mount package type low power-loss voltage regulators. They contribute to improve the performance of analog circuit due to high ripple rejection. They are suitable for energy and space saving of battery drive compact equipment such as portable equipment, personal information tools.

■ Features
(1) Compact surface mount package(3.4 x 2.2 x 1.2mm)
(2) Low power-loss
   (Dropout voltage: TYP.0.1V/MAX. 0.2V at Io=60mA)
(3) High ripple rejection(TYP.60dB)
(4) Low current operation type
   (Dissipation current at no load: TYP. 170µA)
(5) Built-in ON/OFF control function
   (Dissipation current at OFF-state: MAX. 0.1µA)
(6) Low voltage operation type
   (Input voltage: MIN. 1.8V)
(7) Overcurrent, overheat protection functions

■ Applications
(1) Cellular phones
(2) Cordless phones
(3) Personal information tools(PDA)
(4) Cameras/Camcoders
(5) PCMCIA cards for notebook PCs




Similar Part No. - PQ1S30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PQ101A12 ETC-PQ101A12 Datasheet
177Kb / 2P
Triac
PQ101A13 ETC-PQ101A13 Datasheet
177Kb / 2P
Triac
PQ101A14 ETC-PQ101A14 Datasheet
177Kb / 2P
Triac
PQ105A1 ETC-PQ105A1 Datasheet
177Kb / 2P
Triac
PQ108A1 ETC-PQ108A1 Datasheet
177Kb / 2P
Triac
More results


Similar Description - PQ1S30

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21 Datasheet
21Kb / 2P
Low Power-Loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ15RW11 SHARP-PQ15RW11 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ15RW21 SHARP-PQ15RW21 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ1R30 SHARP-PQ1R30 Datasheet
18Kb / 2P
Low Power-Loss Voltage Regulator
PQ07VR5MAZ SHARP-PQ07VR5MAZ Datasheet
50Kb / 3P
Low Power-loss Voltage Regulator
PQ033ES1MXP SHARP-PQ033ES1MXP Datasheet
39Kb / 3P
Low Power-Loss Voltage Regulator
PQ035ES1MXP SHARP-PQ035ES1MXP Datasheet
37Kb / 3P
Low Power-Loss Voltage Regulator
PQ1K333M2ZPH SHARP-PQ1K333M2ZPH Datasheet
45Kb / 3P
Low Power-Loss Voltage Regulator
PQ5RS1A SHARP-PQ5RS1A Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com