Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9643 Datasheet (PDF) - Maxim Integrated Products

MAX9643 Datasheet PDF - Maxim Integrated Products
Part # MAX9643
Download  MAX9643 Download
File Size   2207.65 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 60V High-Speed Precision Current-Sense Amplifier

MAX9643 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9643 Datasheet PDF - Maxim Integrated Products

Part # MAX9643
Download  MAX9643 Click to download

File Size   2207.65 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 60V High-Speed Precision Current-Sense Amplifier

MAX9643 Datasheet (HTML) - Maxim Integrated Products


MAX9643 Product details

General Description
The MAX9643 is a high-speed 60V precision unidirectional current-sense amplifier ideal for a wide variety of power-supply control applications. Its high signal bandwidth allows its use within DC-DC switching converter power-supply control loops with minimal phase delay.
The IC also features 130µV (max) precision input offset voltage, allowing small sense resistors to be used in applications where efficiency is important and when wide dynamic-range current measurement is needed.

Benefits and Features
● Supports High-Voltage Applications
   • Wide Input VCM = -1.5V to +60V
● Delivers High-Speed Operation
   • 15MHz Bandwidth
● Increases System Accuracy
   • Precision VOS = 130μV (max)
● -40°C to +125°C Specified Temperature Range

Applications
● Industrial Power Supplies
● GSM Base Station Power Supply
● High-Brightness LED Control
● H-Bridge Motor Control




Similar Part No. - MAX9643

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9643 MAXIM-MAX9643 Datasheet
197Kb / 6P
Fully Assembled and Tested
Rev 1; 5/15
MAX9643EVKIT MAXIM-MAX9643EVKIT Datasheet
197Kb / 6P
Fully Assembled and Tested
Rev 1; 5/15
MAX9643TATA+ MAXIM-MAX9643TATA+ Datasheet
927Kb / 12P
60V High-Speed Precision Current-Sense Amplifier
2015
MAX9643UATA+ MAXIM-MAX9643UATA+ Datasheet
927Kb / 12P
60V High-Speed Precision Current-Sense Amplifier
2015
MAX9643 MAXIM-MAX9643_V01 Datasheet
927Kb / 12P
60V High-Speed Precision Current-Sense Amplifier
2015
More results


Similar Description - MAX9643

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
Precision High Voltage Current Sense Amplifier
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Texas Instruments
INA302 TI1-INA302 Datasheet
153Kb / 6P
Overcurrent Protection, High-Speed Precision, Current-Sense Amplifier
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX9643 MAXIM-MAX9643_V01 Datasheet
927Kb / 12P
60V High-Speed Precision Current-Sense Amplifier
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com