Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14562 Datasheet (PDF) - Maxim Integrated Products

MAX14562 Datasheet PDF - Maxim Integrated Products
Part # MAX14562
Download  MAX14562 Download
File Size   1736.5 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V-Capable Overvoltage Protector with Regulated Output Voltage

MAX14562 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14562 Datasheet PDF - Maxim Integrated Products

Part # MAX14562
Download  MAX14562 Click to download

File Size   1736.5 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 36V-Capable Overvoltage Protector with Regulated Output Voltage

MAX14562 Datasheet (HTML) - Maxim Integrated Products


MAX14562 Product details

General Description
The MAX14562 protects valuable consumer circuits against voltage faults of up to +36V. This robust protection is implemented in a three-step scheme for a superior result. If the input is below the preset regulated outputvoltage (VPROV) threshold, the output tracks the input minus the voltage drop (RON x ILOAD) across the pass FET. If the input exceeds VPROV, the output is regulated to VPROV. If the input rises further and exceeds the overvoltage lockout cutoff threshold (VOVLO), the output is disconnected from the input.

Features
♦ Input Voltage Protection Up to +36V
♦ Preset Regulated Output Voltage (+5.15V typ)
♦ Integrated 160mΩ (typ) N-Channel MOSFET Switch
♦ Soft-Start to Minimize In-Rush Current
♦ Overvoltage Cutoff Protection +8V (typ)
♦ Thermal Shutdown Protection
♦ -40°C to +85°C Operating Temperature Range

Applications
    Mobile Phones
    Smartphones
    Portable Media Player
    PDAs
    Digital Cameras
    Bluetooth Headset
    E-Book
    Mobile Internet Device




Similar Part No. - MAX14562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14566AE MAXIM-MAX14566AE Datasheet
1Mb / 15P
USB Host Charger Identification Analog Switches 2mm x 2mm, 8-Pin TDFN Package
Rev 1; 3/11
MAX14566AE MAXIM-MAX14566AE Datasheet
1Mb / 10P
Proven PCB Layout
Rev 0; 4/11
MAX14566AEETA MAXIM-MAX14566AEETA Datasheet
1Mb / 15P
USB Host Charger Identification Analog Switches 2mm x 2mm, 8-Pin TDFN Package
Rev 1; 3/11
MAX14566BE MAXIM-MAX14566BE Datasheet
1Mb / 15P
USB Host Charger Identification Analog Switches 2mm x 2mm, 8-Pin TDFN Package
Rev 1; 3/11
MAX14566BE MAXIM-MAX14566BE Datasheet
1Mb / 10P
Proven PCB Layout
Rev 0; 4/11
More results


Similar Description - MAX14562

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
PROGRAMMABLE OVERVOLTAGE PROTECTOR
logo
Bourns Electronic Solut...
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
Overvoltage Protector
logo
Maxim Integrated Produc...
MAX15009 MAXIM-MAX15009 Datasheet
469Kb / 23P
Automotive 300mA LDO Regulators with Switched Output and Overvoltage Protector
Rev 0; 8/07
MAX15008 MAXIM-MAX15008 Datasheet
469Kb / 23P
Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Rev 0; 9/07
logo
Bourns Electronic Solut...
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
Overvoltage Protector
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
Overvoltage Protector
logo
ETA SOLUTIONS CO. LIMIT...
ETA7008 ETA-ETA7008 Datasheet
366Kb / 1P
36V Over-Voltage-Protector with 34mohm On Resistance
ETA7014 ETA-ETA7014 Datasheet
273Kb / 1P
36V High Side Over-Voltage Protector
ETA7028 ETA-ETA7028 Datasheet
321Kb / 1P
36V Over-Voltage-Protector with 30mohm On Resistance
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com