Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS216WT Datasheet (PDF) - Diotec Semiconductor

BAS216WT Datasheet PDF - Diotec Semiconductor
Part # BAS216WT
Download  BAS216WT Download
File Size   93.7 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast Switching Surface Mount Si-Planar Diodes

BAS216WT Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS216WT Datasheet PDF - Diotec Semiconductor

Part # BAS216WT
Download  BAS216WT Click to download

File Size   93.7 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Fast Switching Surface Mount Si-Planar Diodes

BAS216WT Datasheet (HTML) - Diotec Semiconductor


BAS216WT Product details

Features
   Very high switching speed
   Low junction capacitance
   Low leakage current
   Compliant to RoHS (w/o exemption)
   REACH, Conflict Minerals 1)

Typical Applications
   Signal processing, High-speed
   Switching, Rectifying
   Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 4000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                       MSL = 1




Similar Part No. - BAS216WT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAS216WT SEMTECH_ELEC-BAS216WT Datasheet
312Kb / 3P
High Speed Switching Diode
logo
Diotec Semiconductor
BAS216WT DIOTEC-BAS216WT Datasheet
139Kb / 2P
SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT Datasheet
151Kb / 2P
SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT Datasheet
140Kb / 2P
SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT Datasheet
365Kb / 3P
SMD Small Signal Diodes SMD Kleinsignal-Dioden
Version 2020-04-28
More results


Similar Description - BAS216WT

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAL99 DIOTEC-BAL99 Datasheet
115Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAW56W DIOTEC-BAW56W Datasheet
115Kb / 2P
Fast Switching Surface Mount Si-Planar Double Diodes
LL4148 DIOTEC-LL4148_07 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
BAS16 DIOTEC-BAS16_09 Datasheet
124Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAS19 DIOTEC-BAS19_11 Datasheet
118Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_11 Datasheet
96Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_13 Datasheet
97Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
BAS16DW DIOTEC-BAS16DW Datasheet
126Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAS16DW DIOTEC-BAS16DW_15 Datasheet
126Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAS19 DIOTEC-BAS19_15 Datasheet
120Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com