Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46W Datasheet (PDF) - Diotec Semiconductor

BAT46W Datasheet PDF - Diotec Semiconductor
Part # BAT46W
Download  BAT46W Download
File Size   105.84 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky Barrier Diodes

BAT46W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT46W Datasheet PDF - Diotec Semiconductor

Part # BAT46W
Download  BAT46W Click to download

File Size   105.84 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky Barrier Diodes

BAT46W Datasheet (HTML) - Diotec Semiconductor


BAT46W Product details

Features
Very high switching speed Low junction capacitance Low leakage current Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
    Signal processing, High-speed switching, Polarity protection Commercial grade
    Suffix -Q: AEC-Q101 compliant 1)
    Suffix -AQ: AEC-Q101 qualified 1)

Mechanical Data 1)
    Taped and reeled 3000 / 7“
    Weight approx. 0.01 g
    Case material UL 94V-0
    Solder & assembly conditions 260°C/10s MSL = 1




Similar Part No. - BAT46W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46W STMICROELECTRONICS-BAT46W Datasheet
53Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 4 - 2
logo
General Semiconductor
BAT46W GE-BAT46W Datasheet
39Kb / 2P
Schottky Diodes
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
356Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 14 - 2
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
Surface Mount Schottky Barrier Diode
More results


Similar Description - BAT46W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com