Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC849 Datasheet (PDF) - Diotec Semiconductor

BC849 Datasheet PDF - Diotec Semiconductor
Part # BC849
Download  BC849 Download
File Size   98.91 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount General Purpose Si-Epi-Planar Transistors

BC849 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC849 Datasheet PDF - Diotec Semiconductor

Part # BC849
Download  BC849 Click to download

File Size   98.91 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount General Purpose Si-Epi-Planar Transistors

BC849 Datasheet (HTML) - Diotec Semiconductor


BC849 Product details

• Power dissipation                     250 mW
• Plastic case                      SOT-23 (TO-236)
• Weight approx.                        0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - BC849

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC849 PHILIPS-BC849 Datasheet
46Kb / 8P
NPN general purpose transistors
1999 Apr 08
logo
Fairchild Semiconductor
BC849 FAIRCHILD-BC849 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC849 GE-BC849 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC849 KEC-BC849 Datasheet
146Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Infineon Technologies A...
BC849 INFINEON-BC849 Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
More results


Similar Description - BC849

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT4403 DIOTEC-MMBT4403 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC817 DIOTEC-BC817_07 Datasheet
116Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCW29 DIOTEC-BCW29_07 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCW31 DIOTEC-BCW31_07 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCP54 DIOTEC-BCP54_07 Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC856W DIOTEC-BC856W_07 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC856 DIOTEC-BC856_11 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_07 Datasheet
111Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_15 Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5551 DIOTEC-MMBT5551_15 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com