Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S102T02 Datasheet (PDF) - Sharp Corporation

S102T02 Datasheet PDF - Sharp Corporation
Part # S102T02
Download  S102T02 Download
File Size   33.66 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Height Type Solid State Relays

S102T02 Datasheet (PDF)

Go To PDF Page Download Datasheet
S102T02 Datasheet PDF - Sharp Corporation

Part # S102T02
Download  S102T02 Click to download

File Size   33.66 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Height Type Solid State Relays

S102T02 Datasheet (HTML) - Sharp Corporation


S102T02 Product details

■ Description

S102T02 Series and S202T02 Series Solid State Relays (SSR) are an integration of an infrared  emitting diode (IRED), a Phototriac Detector and a main output Triac. These devices are ideally suited for controlling high voltage AC loads with solid state reliability while providing 3.0kV isolation (Viso(rms)) from input to out put.



■Features

1. Output current, IT(rms)≤2.0A

2. Zero crossing functionary (VOX: MAX. 35V)

3. Slim 4 pin low profile SIP package

4. High repetitive peak off-state voltage

   (VDRM: 600V, S202T02 Series)

   (VDRM: 400V, S102T02 Series)

5. High isolation voltage between input and output

   (Viso(rms) : 3.0kV)

6. Lead-free terminal components are also available

   (see Model Line-up section in this datasheet)

7. Screw hole for heat sink



■ Agency approvals/Compliance

1. Isolated interface between high voltage AC devices and lower voltage DC control circuitry.

2. Switching motors, fans, heaters, solenoids, and valves.

3. Power control in applications such as lighting and temperature control equipment.



■Applications

1.Recognized by UL508, file No. E94758 (as models No. S102T02/S202T02)

2. Approved by CSA 22.2 No.14, file No. LR63705 (as models No. S102T02/S202T02)

3. Package resin : UL flammability grade (94V-0)




Similar Part No. - S102T02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S102T02 SHARP-S102T02 Datasheet
245Kb / 13P
IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
More results


Similar Description - S102T02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S108T01 SHARP-S108T01 Datasheet
74Kb / 5P
Low Profile Type Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
Solid-state relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com