Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC327-XBK Datasheet (PDF) - Diotec Semiconductor

BC327-XBK Datasheet PDF - Diotec Semiconductor
Part # BC327-XBK
Download  BC327-XBK Download
File Size   95.08 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description General Purpose Si-Epitaxial Planar Transistors

BC327-XBK Datasheet (PDF)

Go To PDF Page Download Datasheet
BC327-XBK Datasheet PDF - Diotec Semiconductor

Part # BC327-XBK
Download  BC327-XBK Click to download

File Size   95.08 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description General Purpose Si-Epitaxial Planar Transistors

BC327-XBK Datasheet (HTML) - Diotec Semiconductor


BC327-XBK Product details

Power dissipation 625 mW

Plastic case TO-92

Weight approx.  0.18 g

Plastic material has UL classification 94V-0

Special packaging bulk

 




Similar Part No. - BC327-XBK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC327-016G ONSEMI-BC327-016G Datasheet
147Kb / 5P
Amplifier Transistors
December, 2006 ??Rev. 4
BC327-025 ONSEMI-BC327-025 Datasheet
147Kb / 5P
Amplifier Transistors
December, 2006 ??Rev. 4
BC327-025G ONSEMI-BC327-025G Datasheet
147Kb / 5P
Amplifier Transistors
December, 2006 ??Rev. 4
BC327-025G ONSEMI-BC327-025G Datasheet
68Kb / 5P
Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
BC327-025G ONSEMI-BC327-025G Datasheet
108Kb / 5P
Amplifier Transistors
September, 2011 ??Rev. 6
More results


Similar Description - BC327-XBK

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
2N5400 DIOTEC-2N5400 Datasheet
106Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N5550 DIOTEC-2N5550 Datasheet
106Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N5172 DIOTEC-2N5172 Datasheet
105Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC327 DIOTEC-BC327_07 Datasheet
106Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC337 DIOTEC-BC337_07 Datasheet
105Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC546 DIOTEC-BC546_07 Datasheet
100Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N4401 DIOTEC-2N4401 Datasheet
102Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
2N4403 DIOTEC-2N4403 Datasheet
104Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC337-XBK DIOTEC-BC337-XBK Datasheet
95Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
BC546XBK DIOTEC-BC546XBK Datasheet
87Kb / 2P
General Purpose Si-Epitaxial Planar Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com