Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S11MD7T Datasheet (PDF) - Sharp Corporation

S11MD7T Datasheet PDF - Sharp Corporation
Part # S11MD7T
Download  S11MD7T Download
File Size   62.18 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Input Driving Type Phototriac Coupler

S11MD7T Datasheet (PDF)

Go To PDF Page Download Datasheet
S11MD7T Datasheet PDF - Sharp Corporation

Part # S11MD7T
Download  S11MD7T Click to download

File Size   62.18 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Low Input Driving Type Phototriac Coupler

S11MD7T Datasheet (HTML) - Sharp Corporation


S11MD7T Product details

■ Features
1. Low input driving current
   (S11MD7T/ S11MD8T/ S21MD7T/ S21MD8T
   I FT : MAX. 5mA
   S11MD9T /S21MD9T IFT : MAX.7mA )
2. Pin No. 5 completely molded for external noise resistance
3. Built-in zero-cross circuit   (S11MD8T/S21MD8T)
4. High repetitive peak OFF-state voltage
   (S11MD7T / S11MD8T / S11MD9T
   VDRM : MIN. 400V
   S21MD7T / S21MD8T / S21MD9T
   VDRM : MIN. 600V
5. Isolation voltage between input and output
   ( Viso rms : 5 000V)
6. Recognized by UL, file No.E64380

■ Applications
1. For triggering medium/high power triacs




Similar Part No. - S11MD7T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S11MD4T SHARP-S11MD4T Datasheet
56Kb / 4P
Phototriac Coupler with Built-in Zero-cross Circuit
S11MD4V SHARP-S11MD4V Datasheet
56Kb / 4P
Phototriac Coupler with Built-in Zero-cross Circuit
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
High Noise-resistance Type Phototriac Coupler
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
Mini-flat Type Phototriac Coupler
More results


Similar Description - S11MD7T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S2S3 SHARP-S2S3 Datasheet
28Kb / 2P
Mini-Flat Type Phototriac Coupler
PC3F11YVZA SHARP-PC3F11YVZA Datasheet
70Kb / 4P
Reinforced Insulation Type Phototriac Coupler for Triggering
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
High Noise-resistance Type Phototriac Coupler
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
Mini-flat Type Phototriac Coupler
S21MD10T SHARP-S21MD10T Datasheet
48Kb / 4P
High Speed, High Sensitivity Type Phototriac Coupler
S21MD3V SHARP-S21MD3V Datasheet
48Kb / 4P
High Noise Resistance Type Phototriac Coupler
S21MT1 SHARP-S21MT1 Datasheet
26Kb / 2P
Compact 4-pin DIP Type Phototriac Coupler
PC3SD21NTZB SHARP-PC3SD21NTZB Datasheet
59Kb / 5P
Phototriac Coupler for Triggering
PC3SD11YTZDF SHARP-PC3SD11YTZDF Datasheet
27Kb / 1P
Low Input Drive Type Phototriac Coupler
PC3SF21YVZBF SHARP-PC3SF21YVZBF Datasheet
297Kb / 15P
Phototriac Coupler for triggering
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com