Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12MD3 Datasheet (PDF) - Sharp Corporation

S12MD3 Datasheet PDF - Sharp Corporation
Part # S12MD3
Download  S12MD3 Download
File Size   77.67 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Photothyristor Coupler

S12MD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
S12MD3 Datasheet PDF - Sharp Corporation

Part # S12MD3
Download  S12MD3 Click to download

File Size   77.67 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Photothyristor Coupler

S12MD3 Datasheet (HTML) - Sharp Corporation


S12MD3 Product details

■ Features

1. High RMS ON-state current ( IT : MAX.200mA rms )

2. High repetitive peak OFF-state voltage ( VDRM : MIN. 400V )

3. Trigger current I FT : MAX. 15mA at R G = 20kΩ

4. For half-wave control •••S12MD1V

     For full-wave control ••• S12MD3

      ❈ S12MD1V and S12MD3 are for 100V line

5. Recognized by UL, file No. E64380



■ Applications

1. ON-OFF operation for a low power load

2. For triggering high power thyristor and triac

 




Similar Part No. - S12MD3

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S12MD2 SHARP-S12MD2 Datasheet
867Kb / 4P
HIGH NOISE-REDUCTLON,HIGH DENSLTY MOUNTING TYPE PHOTOTHYRISTER COUPLER
S12MD22 SHARP-S12MD22 Datasheet
867Kb / 4P
HIGH NOISE-REDUCTLON,HIGH DENSLTY MOUNTING TYPE PHOTOTHYRISTER COUPLER
More results


Similar Description - S12MD3

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3046 NTE-NTE3046 Datasheet
21Kb / 2P
Optoisolator SCR Photothyristor Output
logo
Sharp Corporation
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
S22MD1V SHARP-S22MD1V Datasheet
72Kb / 5P
Photothyristor Coupler
S22MD2 SHARP-S22MD2 Datasheet
53Kb / 4P
Photothyristor Coupler
logo
American Accurate Compo...
JXWBOH-T-50-2000-11 AAC-JXWBOH-T-50-2000-11 Datasheet
34Kb / 1P
Coupler
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
MACP-010446-C80370 MA-COM-MACP-010446-C80370_15 Datasheet
174Kb / 4P
Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0_15 Datasheet
181Kb / 4P
Coupler, 18dB Coupler
logo
WECO ELECTRICAL CONNECT...
110-M-241 WECO-110-M-241 Datasheet
339Kb / 2P
Coupler
07.13
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com