Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S16MD01 Datasheet (PDF) - Sharp Corporation

S16MD01 Datasheet PDF - Sharp Corporation
Part # S16MD01
Download  S16MD01 Download
File Size   66.85 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 8-Pin DIP Type SSR for Low Power Control

S16MD01 Datasheet (PDF)

Go To PDF Page Download Datasheet
S16MD01 Datasheet PDF - Sharp Corporation

Part # S16MD01
Download  S16MD01 Click to download

File Size   66.85 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 8-Pin DIP Type SSR for Low Power Control

S16MD01 Datasheet (HTML) - Sharp Corporation


S16MD01 Product details

■ Features

1. Compact 8-pin dual-in-line package type

2. RMS ON-state current IT : 0.6Arms

3. Built-in zero-cross circuit

4. High repetitive peak OFF-state voltage (S16MD02 / S26MD02 )

5. Isolation voltage between input and output ( Viso : 4,000Vrms )

S16MD01 / S16MD02 VDRM : MIN. 400V

S26MD01 / S26MD02 VDRM : MIN. 600V

6. Recognized by UL, file No. E94758

7. Approved by CSA No. LR63705



■ Applications

1. Oil fan heaters

2. Microwave ovens

3. Refrigerators




Similar Part No. - S16MD01

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
S16MDD2 THINKISEMI-S16MDD2 Datasheet
1Mb / 3P
16.0 Amperes Surface Mount Dual Doubler Polarity General Purpose Rectifiers
More results


Similar Description - S16MD01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
6-pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
8-pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
8-Pin DIP Type SSR for Low Power Control
PR3BMF11NSZ SHARP-PR3BMF11NSZ Datasheet
63Kb / 3P
8-Pin DIP Type, Large Output current SSR
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
8-Pin DIP Type SSR for Low Power Control
logo
Adam Technologies, Inc.
SSR1A-350-120-35-6T ADAM-TECH-SSR1A-350-120-35-6T Datasheet
89Kb / 1P
SOLID STATE RELAY 6 & 8 PIN DIP PACKAGES-TYPE SSR
logo
Crydom Inc.,
DPA4111 CRYDOM-DPA4111 Datasheet
558Kb / 4P
16 Pin DIP SSR
logo
Panasonic Semiconductor
AQH3213A PANASONIC-AQH3213A Datasheet
1Mb / 3P
Compact DIP type SSR Ideal for AC load control
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com