Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2A Datasheet (PDF) - Diotec Semiconductor

ES2A Datasheet PDF - Diotec Semiconductor
Part # ES2A
Download  ES2A Download
File Size   119.38 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Switching Surface Mount Silicon Rectifier Diodes

ES2A Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2A Datasheet PDF - Diotec Semiconductor

Part # ES2A
Download  ES2A Click to download

File Size   119.38 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Switching Surface Mount Silicon Rectifier Diodes

ES2A Datasheet (HTML) - Diotec Semiconductor


ES2A Product details

Superfast Switching Surface Mount Silicon Rectifier Diodes

• Nominal current                                           2 A
• Repetitive peak reverse voltage       50...200 V
• Plastic case                       ~ SMB~ DO-214AA
• Weight approx.                                         0.1 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - ES2A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2A SSE-ES2A Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Fairchild Semiconductor
ES2A FAIRCHILD-ES2A Datasheet
43Kb / 3P
2.0 Ampere Superfast Rectifiers
logo
Diodes Incorporated
ES2A DIODES-ES2A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2A FUJI-ES2A Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
More results


Similar Description - ES2A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ER2A DIOTEC-ER2A_10 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ES3A DIOTEC-ES3A Datasheet
119Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ER1A DIOTEC-ER1A_13 Datasheet
100Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ER3A DIOTEC-ER3A_13 Datasheet
100Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ES3A DIOTEC-ES3A_13 Datasheet
103Kb / 2P
Superfast Efficient Surface Mount Silicon Rectifier Diodes
FE1A DIOTEC-FE1A_13 Datasheet
92Kb / 2P
Superfast Switching Silicon-Rectifier Diodes
FE2A DIOTEC-FE2A_13 Datasheet
92Kb / 2P
Superfast Switching Silicon Rectifier Diodes
FE6A DIOTEC-FE6A_12 Datasheet
93Kb / 2P
Superfast Switching Silicon Rectifier Diodes
SFE1A DIOTEC-SFE1A_15 Datasheet
176Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
logo
DIOTEC Electronics Corp...
ER1A DEC-ER1A_11 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com