Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBI25-04A Datasheet (PDF) - Diotec Semiconductor

DBI25-04A Datasheet PDF - Diotec Semiconductor
Part # DBI25-04A
Download  DBI25-04A Download
File Size   138.9 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Three-Phase Si-Bridge-Rectifiers

DBI25-04A Datasheet (PDF)

Go To PDF Page Download Datasheet
DBI25-04A Datasheet PDF - Diotec Semiconductor

Part # DBI25-04A
Download  DBI25-04A Click to download

File Size   138.9 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Three-Phase Si-Bridge-Rectifiers

DBI25-04A Datasheet (HTML) - Diotec Semiconductor


DBI25-04A Product details

Nominal current – Nennstrom             25 A

Repetitive peak reverse voltage 400...1600 V

Plastic case                    35 x 25 x 4 [mm]

Pinning                                    – ~~~ +

Weight approx.                                 9 g

Plastic material has UL classification 94V-0

Standard packaging in tubes



Features

Solderable terminals for (automatic) PCB assembly

Enlarged creepage and clearance for direct heatsink assembly

UL Recognized Product – File E175067



 




Similar Part No. - DBI25-04A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DBI25-04 DIOTEC-DBI25-04 Datasheet
164Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DBI25-04 SEMIKRON-DBI25-04 Datasheet
184Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI25-04 DIOTEC-DBI25-04 Datasheet
68Kb / 2P
Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DBI25-04 SEMIKRON-DBI25-04 Datasheet
187Kb / 2P
Three-Phase Si-Bridge Rectifiers
More results


Similar Description - DBI25-04A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DBI6005 DIOTEC-DBI6005 Datasheet
152Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI25005 DIOTEC-DBI25005 Datasheet
164Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DB35-005 SEMIKRON-DB35-005 Datasheet
256Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI6-005 SEMIKRON-DBI6-005 Datasheet
188Kb / 2P
Three-Phase Si-Bridge Rectifiers
DBI25-005 SEMIKRON-DBI25-005 Datasheet
184Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI15-005 DIOTEC-DBI15-005_07 Datasheet
68Kb / 2P
Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB15-005 SEMIKRON-DB15-005_06 Datasheet
231Kb / 2P
Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI20-04B DIOTEC-DBI20-04B Datasheet
140Kb / 2P
Three-Phase Si-Bridge-Rectifiers
DB25005 DIOTEC-DB25005_14 Datasheet
214Kb / 2P
Three-Phase Si-Bridge-Rectifiers
DBI2004B DIOTEC-DBI2004B_13 Datasheet
209Kb / 2P
Three-Phase Si-Bridge-Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com