Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW52P Datasheet (PDF) - Diotec Semiconductor

BYW52P Datasheet PDF - Diotec Semiconductor
Part # BYW52P
Download  BYW52P Download
File Size   105.81 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Standard Controlled Avalanche Rectifiers

BYW52P Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW52P Datasheet PDF - Diotec Semiconductor

Part # BYW52P
Download  BYW52P Click to download

File Size   105.81 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Standard Controlled Avalanche Rectifiers

BYW52P Datasheet (HTML) - Diotec Semiconductor


BYW52P Product details

Standard Controlled Avalanche Rectifiers

• Nominal current                                            2 A
• Repetitive peak reverse voltage    200...1000 V
• Plastic case                                             DO-15
• Weight approx.                                          0.4 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - BYW52P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW52 VISHAY-BYW52 Datasheet
134Kb / 6P
Silicon Mesa Rectifiers
14-Apr-05
BYW52 VISHAY-BYW52 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYW52 VISHAY-BYW52 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
logo
SUNMATE electronic Co.,...
BYW52 SUNMATE-BYW52 Datasheet
267Kb / 3P
2.0A Axial Leaded Silicon Rectifier
logo
Vishay Siliconix
BYW52 VISHAY-BYW52 Datasheet
126Kb / 5P
Standard Avalanche Sinterglass Diode
11-Sep-12
More results


Similar Description - BYW52P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BYD12 PHILIPS-BYD12 Datasheet
49Kb / 8P
Controlled avalanche rectifiers
1998 Dec 03
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
Controlled avalanche rectifiers
1996 May 24
BYM56 PHILIPS-BYM56 Datasheet
48Kb / 7P
Controlled avalanche rectifiers
1996 May 24
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Oct 03
logo
Shenzhen Taychipst Elec...
BYD13D TAYCHIPST-BYD13D Datasheet
3Mb / 3P
Controlled avalanche rectifiers
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
Controlled avalanche rectifiers
logo
NXP Semiconductors
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
Controlled avalanche rectifiers
1996 Jun 19
logo
New Jersey Semi-Conduct...
BYW54 NJSEMI-BYW54 Datasheet
136Kb / 2P
Controlled avalanche rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com