Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFTN20 Datasheet (PDF) - Diotec Semiconductor

MMFTN20 Datasheet PDF - Diotec Semiconductor
Part # MMFTN20
Download  MMFTN20 Download
File Size   109.08 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description N-Channel Enhancement Vertical D-MOS Transistor

MMFTN20 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFTN20 Datasheet PDF - Diotec Semiconductor

Part # MMFTN20
Download  MMFTN20 Click to download

File Size   109.08 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description N-Channel Enhancement Vertical D-MOS Transistor

MMFTN20 Datasheet (HTML) - Diotec Semiconductor


MMFTN20 Product details

Features
   Fast switching times
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Signal processing, Drivers, Logic level converter
   Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                       MSL = 1




Similar Part No. - MMFTN20

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMFTN20 SEMTECH_ELEC-MMFTN20 Datasheet
171Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
logo
Diotec Semiconductor
MMFTN20 DIOTEC-MMFTN20 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMFTN20 DIOTEC-MMFTN20_15 Datasheet
97Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
MMFTN20 DIOTEC-MMFTN20_17 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
More results


Similar Description - MMFTN20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BS107 PHILIPS-BS107 Datasheet
65Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BS108 PHILIPS-BS108 Datasheet
56Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BSN20 PHILIPS-BSN20 Datasheet
101Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
BSP030 PHILIPS-BSP030 Datasheet
109Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
1997 Mar 13
BSP108 PHILIPS-BSP108 Datasheet
64Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP127 PHILIPS-BSP127 Datasheet
50Kb / 8P
N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Guangdong Kexin Industr...
KSS87 KEXIN-KSS87 Datasheet
52Kb / 2P
N-Channel Enhancement Mode Vertical D-MOS Transistor
logo
SEMTECH ELECTRONICS LTD...
MMFTN20 SEMTECH_ELEC-MMFTN20 Datasheet
171Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
logo
Diotec Semiconductor
MMFTN20 DIOTEC-MMFTN20_15 Datasheet
97Kb / 2P
N-Channel Enhancement Vertical D-MOS Transistor
logo
Nexperia B.V. All right...
BSP122 NEXPERIA-BSP122 Datasheet
174Kb / 9P
N-channel enhancement mode vertical D-MOS transistor
2001 May 18
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com