Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFTN123 Datasheet (PDF) - Diotec Semiconductor

MMFTN123 Datasheet PDF - Diotec Semiconductor
Part # MMFTN123
Download  MMFTN123 Download
File Size   111.42 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description N-Channel Logic Level Enhancement Mode Field Effect Transistor

MMFTN123 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFTN123 Datasheet PDF - Diotec Semiconductor

Part # MMFTN123
Download  MMFTN123 Click to download

File Size   111.42 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description N-Channel Logic Level Enhancement Mode Field Effect Transistor

MMFTN123 Datasheet (HTML) - Diotec Semiconductor


MMFTN123 Product details

Features
   Fast switching times
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Signal processing, Drivers, Logic level converter Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: AEC-Q101 qualified 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL = 1




Similar Part No. - MMFTN123

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMFTN123 SEMTECH_ELEC-MMFTN123 Datasheet
170Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
142Kb / 2P
N-Channel Enhancement Mode FET
MMFTN123 DIOTEC-MMFTN123 Datasheet
126Kb / 2P
N-Channel Enhancement Mode FET
logo
VBsemi Electronics Co.,...
MMFTN123 VBSEMI-MMFTN123 Datasheet
1,001Kb / 8P
N-Channel 100-V (D-S) MOSFET
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123_15 Datasheet
96Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Similar Description - MMFTN123

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com