Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74HC76 Datasheet (PDF) - Motorola, Inc

MC74HC76 Datasheet PDF - Motorola, Inc
Part # MC74HC76
Download  MC74HC76 Download
File Size   148.3 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual JK Flip-Flop With Set and Reset

MC74HC76 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC76 Datasheet PDF - Motorola, Inc

Part # MC74HC76
Download  MC74HC76 Click to download

File Size   148.3 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual JK Flip-Flop With Set and Reset

MC74HC76 Datasheet (HTML) - Motorola, Inc


MC74HC76 Product details

Dual JK Flip-Flop With Set and Reset
High–Performance Silicon–Gate CMOS

The MC74HC76 is identical in pinout to the LS76. The device inputs are compatible with Standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
Each flip–flop is negative–edge clocked and has active–low asynchronous Set and Reset inputs.
The HC76 is identical in function to the HC112, but has a different pinout.

• Similar in Function to the LS76 Except When Set and Reset Are Low Simultaneously
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS and TTL
• Operating Voltage Range: 2 to 6V
• Low Input Current: 1µA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance With the JEDEC Standard No. 7A Requirements
• Chip Complexity: 100 FETs or 25 Equivalent Gates




Similar Part No. - MC74HC76

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC74HC76 NXP-MC74HC76 Datasheet
759Kb / 40P
Universal Digital Loop Transceiver (UDLT-3) Evaluation Module
Rev. 3, 2/2002
More results


Similar Description - MC74HC76

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS76A MOTOROLA-SN54LS76A Datasheet
63Kb / 2P
DUAL JK FLIP-FLOP WITH SET AND CLEAR
logo
NXP Semiconductors
74HC109 PHILIPS-74HC109 Datasheet
65Kb / 9P
Dual JK flip-flop with set and reset; positive-edge trigger
1997 Nov 25
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
74LV109 PHILIPS-74LV109 Datasheet
124Kb / 12P
Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LVC109 PHILIPS-74LVC109 Datasheet
103Kb / 10P
Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 28
logo
ON Semiconductor
SN74LS76A ONSEMI-SN74LS76A_01 Datasheet
54Kb / 4P
Dual JK Flip-Flop with Set and Clear
October, 2001 ??Rev. 7
logo
Nexperia B.V. All right...
74HC109-Q100 NEXPERIA-74HC109-Q100 Datasheet
799Kb / 17P
Dual JK flip-flop with set and reset; positive-edge-trigger
74HCT109 NEXPERIA-74HCT109 Datasheet
271Kb / 16P
Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 5 - 5 August 2021
74HCT109-Q100 NEXPERIA-74HCT109-Q100 Datasheet
257Kb / 16P
Dual JK flip-flop with set and reset; positive-edge-trigger
Rev. 2 - 1 April 2020
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com