Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA2505 Datasheet (PDF) - Diotec Semiconductor

RA2505 Datasheet PDF - Diotec Semiconductor
Part # RA2505
Download  RA2505 Download
File Size   156.68 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Rectifiers - Button Diodes

RA2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
RA2505 Datasheet PDF - Diotec Semiconductor

Part # RA2505
Download  RA2505 Click to download

File Size   156.68 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Rectifiers - Button Diodes

RA2505 Datasheet (HTML) - Diotec Semiconductor


RA2505 Product details

Silicon Rectifier Button-Cells

• Nominal current                                         25 A
• Repetitive peak reverse voltage    50…1000 V
• Plastic case,                           Ø 10 x 6.2 [mm]
   coloured metal ring indicates cathode
• Weight approx.                                     1.9 g
• Plastic material has UL classification 94V-0
• Standard packaging: bulk




Similar Part No. - RA2505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA2505 ETC-RA2505 Datasheet
29Kb / 2P
Silicon Rectifier Button-Cells
logo
SHENZHEN YONGERJIA INDU...
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA2505 DIOTEC-RA2505 Datasheet
231Kb / 2P
Silicon-Rectifiers
RA2505 DIOTEC-RA2505 Datasheet
261Kb / 2P
Standard Recovery Rectifier Diodes
logo
Shanghai Shunye Electro...
RA2505 SHUNYE-RA2505 Datasheet
439Kb / 2P
AUTOMOTIVE RECTIFIERS
More results


Similar Description - RA2505

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AR251 CHENYI-AR251 Datasheet
151Kb / 2P
BUTTON DIODES
AR351 CHENYI-AR351 Datasheet
154Kb / 2P
BUTTON DIODES
ARL251 CHENYI-ARL251 Datasheet
153Kb / 2P
BUTTON DIODES
logo
Diotec Semiconductor
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
Silicon Protectifiers with TVS characteristic - Button Diodes
RA3505 DIOTEC-RA3505 Datasheet
162Kb / 2P
Silicon-Rectifiers - Button Diodes
RA3505 DIOTEC-RA3505_14 Datasheet
233Kb / 2P
Silicon-Rectifiers ??Button Diodes
RA2505 DIOTEC-RA2505_15 Datasheet
231Kb / 2P
Silicon-Rectifiers - Button Diodes
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
498Kb / 2P
High Voltage Silicon Rectifiers Diodes
HVM09-350 GETEDZ-HVM09-350 Datasheet
499Kb / 2P
High Voltage Silicon Rectifiers Diodes
HVM09-450 GETEDZ-HVM09-450 Datasheet
499Kb / 2P
High Voltage Silicon Rectifiers Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com