Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1G Datasheet (PDF) - Diotec Semiconductor

S1G Datasheet PDF - Diotec Semiconductor
Part # S1G
Download  S1G Download
File Size   112.58 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Silicon Rectifier Diodes

S1G Datasheet (PDF)

Go To PDF Page Download Datasheet
S1G Datasheet PDF - Diotec Semiconductor

Part # S1G
Download  S1G Click to download

File Size   112.58 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Silicon Rectifier Diodes

S1G Datasheet (HTML) - Diotec Semiconductor


S1G Product details

• Nominal current                1 A
• Plastic case                   ~ SMA ~ DO-214AC
• Weight approx.                 0.07 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - S1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1G PANJIT-S1G Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1G PHILIPS-S1G Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1G SURGE-S1G Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1G TRSYS-S1G Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S1G JGD-S1G Datasheet
148Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results


Similar Description - S1G

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S3A DIOTEC-S3A_13 Datasheet
106Kb / 2P
Surface Mount Silicon Rectifier Diodes
S5A DIOTEC-S5A_13 Datasheet
113Kb / 2P
Surface Mount Silicon Rectifier Diodes
SL1A DIOTEC-SL1A_13 Datasheet
108Kb / 2P
Surface Mount Silicon Rectifier Diodes
SM4001 DIOTEC-SM4001_13 Datasheet
112Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
SUNMATE electronic Co.,...
S1A SUNMATE-S1A Datasheet
383Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
S1AB SUNMATE-S1AB Datasheet
330Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
S2AB SUNMATE-S2AB Datasheet
328Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
SA2A SUNMATE-SA2A Datasheet
323Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
SOD4001 SUNMATE-SOD4001 Datasheet
322Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
M1-M7 SUNMATE-M1-M7 Datasheet
490Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com