Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBCT2030 Datasheet (PDF) - Diotec Semiconductor

SBCT2030 Datasheet PDF - Diotec Semiconductor
Part # SBCT2030
Download  SBCT2030 Download
File Size   124.27 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifier Diodes ??Common Cathode

SBCT2030 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBCT2030 Datasheet PDF - Diotec Semiconductor

Part # SBCT2030
Download  SBCT2030 Click to download

File Size   124.27 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifier Diodes ??Common Cathode

SBCT2030 Datasheet (HTML) - Diotec Semiconductor


SBCT2030 Product details

Schottky Barrier Rectifier Diodes – Common Cathode

• Nominal Current                                      20 A
• Repetitive peak reverse voltage     20...100 V
• Plastic case                                    TO-220AB
• Weight approx.                                         2.2g
• Plastic material has UL classification 94V-0
• Standard packaging in tubes




Similar Part No. - SBCT2030

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT2030 DIOTEC-SBCT2030 Datasheet
119Kb / 2P
Schottky Barrier Rectifiers - Common Cathode
SBCT2030 DIOTEC-SBCT2030 Datasheet
123Kb / 2P
Schottky Barrier Rectifier Diodes . Common Cathode
SBCT2030 DIOTEC-SBCT2030 Datasheet
169Kb / 2P
Schottky Barrier Rectifier Diodes
More results


Similar Description - SBCT2030

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBCT1020 DIOTEC-SBCT1020_10 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes - Common Cathode
SBCT1020 DIOTEC-SBCT1020_13 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes . Common Cathode
SBCT2020 DIOTEC-SBCT2020_13 Datasheet
123Kb / 2P
Schottky Barrier Rectifier Diodes . Common Cathode
logo
ON Semiconductor
SBAT54CLT1G ONSEMI-SBAT54CLT1G Datasheet
121Kb / 4P
Dual Common Cathode Schottky Barrier Diodes
November, 2011 ??Rev. 8
logo
Diotec Semiconductor
SBCJ1020 DIOTEC-SBCJ1020 Datasheet
134Kb / 2P
Schottky Barrier Rectifier Diodes - Common Cathode
logo
ON Semiconductor
BAT54CL ONSEMI-BAT54CL Datasheet
90Kb / 4P
Dual Common Cathode Schottky Barrier Diodes
October, 2016 ??Rev. 10
NSR30CM3 ONSEMI-NSR30CM3 Datasheet
57Kb / 4P
Dual Common Cathode Schottky Barrier Diodes
December, 2016 ??Rev. 5
logo
Thinki Semiconductor Co...
SBL1630CT THINKISEMI-SBL1630CT Datasheet
317Kb / 2P
16.0 Ampere Heatsink Pkg Common Cathode Schottky Barrier Rectifier Diodes
SBL1640CG THINKISEMI-SBL1640CG Datasheet
337Kb / 2P
16.0 Ampere,45Volt PhotoVoltaic Common Cathode Schottky Barrier Rectifier Diodes
SBR20A60CTFP THINKISEMI-SBR20A60CTFP Datasheet
916Kb / 3P
20Ampere,60Volt Insulated Common Cathode Trench Schottky Barrier Rectifier Diodes
Rev.12T
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com