Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBJ1820 Datasheet (PDF) - Diotec Semiconductor

SBJ1820 Datasheet PDF - Diotec Semiconductor
Part # SBJ1820
Download  SBJ1820 Download
File Size   121.13 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifier Diodes - Single Diode

SBJ1820 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBJ1820 Datasheet PDF - Diotec Semiconductor

Part # SBJ1820
Download  SBJ1820 Click to download

File Size   121.13 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifier Diodes - Single Diode

SBJ1820 Datasheet (HTML) - Diotec Semiconductor


SBJ1820 Product details

Features
   Isolated heat flange
   Best trade-off between VF and IR 2)
   Low forward voltage drop
   High power dissipation
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Output Rectification in DC/DC 
   Converters and Power Supplies
   Polarity Protection
   Free-wheeling diodes
   Solar Bypass Diodes
   Commercial grade 1)

Mechanical Data 1)
   Packed in tubes/cardboards 50/1000
   Weight approx. 2.2 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL N/A




Similar Part No. - SBJ1820

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBJ1820 DIOTEC-SBJ1820 Datasheet
161Kb / 2P
SMD Schottky Barrier Rectifier Diodes
SBJ1820 DIOTEC-SBJ1820_17 Datasheet
161Kb / 2P
SMD Schottky Barrier Rectifier Diodes
More results


Similar Description - SBJ1820

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBJ2620 DIOTEC-SBJ2620 Datasheet
121Kb / 2P
Schottky Barrier Rectifier Diodes - Single Diode
SBQ1020 DIOTEC-SBQ1020 Datasheet
139Kb / 2P
Schottky Barrier Rectifier Diodes ??Single Diode
SBT1020 DIOTEC-SBT1020_10 Datasheet
123Kb / 2P
Schottky Barrier Rectifier Diodes - Single Diode
SBT1020 DIOTEC-SBT1020_13 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes . Single Diode
logo
AiT Semiconductor Inc.
B5817W AITSEMI-B5817W Datasheet
566Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB050L-40 AITSEMI-RB050L-40 Datasheet
454Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB491D AITSEMI-RB491D Datasheet
447Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB520S-30 AITSEMI-RB520S-30 Datasheet
427Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.2
RB550V-30 AITSEMI-RB550V-30 Datasheet
615Kb / 7P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
RB551V-30 AITSEMI-RB551V-30 Datasheet
424Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com