Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM565 Datasheet (PDF) - Sharp Corporation

SM565 Datasheet PDF - Sharp Corporation
Part # SM565
Download  SM565 Download
File Size   222.22 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4-Bit Single-Chip Microcomputer(LCD Driver)

SM565 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM565 Datasheet PDF - Sharp Corporation

Part # SM565
Download  SM565 Click to download

File Size   222.22 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4-Bit Single-Chip Microcomputer(LCD Driver)

SM565 Datasheet (HTML) - Sharp Corporation


SM565 Product details

DESCRIPTION
The SM565 is a CMOS 4-bit single-chip microcomputer incorporating carrier output circuit for remote control, ROM, RAM, I/O ports, serial interface and timer/ counter. It provides five kinds of interrupts and subroutine stack function using the RAM area. Provided with a 256 segments LCD drive circuit, this microcomputer is applicable to a multi-functional AV remote control system, high performance hand-held LCD games or any other similar system with low power consumption.

FEATURES
• 8,192 × 8-bits ROM Capacity
• 256 × 4-bits RAM Capacity (Including 64 × 4-bits Display RAM)
• 98 Instruction Sets
• A RAM Area is Used as Stack Area
• I/O Ports
    – 4 Input
    – 11 Input/Output (plus 16 Also Used as LCD Segment Port)
• Interrupts
    – Internal Interrupt × 4 (Timer/Counter, f4 Signal, Serial I/O, Divider Overflow)
    – External Interrupt × 1 (P0 Signal)
• Timer/Counter 8-bits × 1
• Serial Interface 8-bits × 1
• Built-in Main Clock Oscillator for System Clock
• Built-in Sub Clock Oscillator for Real Time Clock
• Built-in 15 Stages Divider for Real Time Clock
• Built-in LCD Driver
    – 256 Segments
    – 1/3 Bias
    – 1/4 Duty Cycle (If LCD Drive circuit is used, a crystal oscillator circuit needs to be constituted between OSCIN and OSCOUT)
• Built-in Carrier Output Circuit for Remote Control
    – Carrier Frequency 37.9 kHz
    – Basic Oscillation Frequency (Main Clock) 455 kHz
    – 1/3 or 1/2 (Mask Option) Duty Cycle
    – Reversal Polarity (Mask Option)
• Instruction Cycle Time 8.79 µs (TYP., 455 kHz at 3 V)
• Buzzer Output
• Standby Function
• Supply Voltage 2.4 V to 5.5 V
• 100-pin QFP (QFP100-P-1420) Package




Similar Part No. - SM565

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5651 ETC2-SM5651 Datasheet
348Kb / 2P
Low Pressure, Constant Current DIP Low Pressure, Constant Voltage DIP
logo
Silicon Microstructures...
SM5651 SMI-SM5651 Datasheet
2Mb / 5P
Compensated and Calibrated low Pressure Sensor
logo
List of Unclassifed Man...
SM5651-001 ETC2-SM5651-001 Datasheet
1Mb / 5P
COMPENSATED AND CALIBRATED LOW PRESSURE SENSOR
SM5651-001-D-3-L ETC2-SM5651-001-D-3-L Datasheet
348Kb / 2P
Low Pressure, Constant Current DIP Low Pressure, Constant Voltage DIP
SM5651-001-D-3-N ETC2-SM5651-001-D-3-N Datasheet
348Kb / 2P
Low Pressure, Constant Current DIP Low Pressure, Constant Voltage DIP
More results


Similar Description - SM565

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC5732 SANYO-LC5732 Datasheet
442Kb / 14P
4-Bit Microcomputer with LCD Driver
LC5732N SANYO-LC5732N Datasheet
309Kb / 12P
4-Bit Microcomputer with LCD Driver?
LC573404A SANYO-LC573404A Datasheet
612Kb / 30P
4-Bit Single Chip Microcomputer with LCD Driver?
logo
Sharp Corporation
SK5L1 SHARP-SK5L1 Datasheet
234Kb / 7P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM3905 SHARP-SM3905 Datasheet
215Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM563 SHARP-SM563 Datasheet
196Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM5M2 SHARP-SM5M2 Datasheet
253Kb / 28P
4-Bit Single-Chip Microcomputer(LCD Driver)
logo
NEC
UPD7514 NEC-UPD7514 Datasheet
1Mb / 19P
4-BIT, SINGLE-CHIP CMOS MICROCOMPUTER WITH LCD CONTROLLER/DRIVER
logo
Integral Corp.
IZ5851V INTEGRAL-IZ5851V Datasheet
121Kb / 5P
CMOS 4-BIT SINGLE-CHIP APPLICATION-ORIENTED MICROCOMPUTER WITH LCD DRIVER
logo
Sanyo Semicon Device
LC5850 SANYO-LC5850 Datasheet
935Kb / 20P
CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com