Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K4 Datasheet (PDF) - Sharp Corporation

SM5K4 Datasheet PDF - Sharp Corporation
Part # SM5K4
Download  SM5K4 Download
File Size   233.54 Kbytes
Page   28 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)

SM5K4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5K4 Datasheet PDF - Sharp Corporation

Part # SM5K4
Download  SM5K4 Click to download

File Size   233.54 Kbytes
Page   28 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)

SM5K4 Datasheet (HTML) - Sharp Corporation


SM5K4 Product details

DESCRIPTION
The SM5K3/5K4/5K5 are CMOS 4-bit single-chip microcomputers incorporating 4-bit parallel processing function, ROM, RAM, 10-bit A/D converter and timer/counters.
It provides three kinds of interrupts and 4 levels subroutine stack. Being fabricated through CMOS process, the chip requires less power and available in a small package : best suitable for Low power controlling, compact equipment like a precision charger.

FEATURES
• ROM capacity : 2 048 x 8 bits
• RAM capacity : 128 x 4 bits
• Instruction sets : 50
• Subroutine nesting : 4 levels
• I/O port :
    Input 8
    Output 4
    Input/output 12 (36QFP/32SOP)
                        11 (30SDIP)
                          8 (28SOP)
    • Interrupts :
    Internal interrupt x 1 (timer)
    External interrupt x 2 (2 external interrupt inputs)
• A/D converter :
    Resolution 10 bits
    Channels 4
• Timer/counter : 8-bit x 1
• Built-in main clock oscillator for system clock
    Ceramic/crystal oscillator (SM5K3/5K5)
    CR oscillator (SM5K4)
• Signal generation for real time clock∗ (SM5K3/5K5)
• Built-in 15 stages divider (for real time clock∗ : SM5K3/5K5)
• Instruction cycle time :
    1 µs (MIN.) (2 MHz, at 5 V ± 10%) (SM5K3/5K5)
    2 µs (MIN.) (1 MHz, at 2.2 to 5.5 V) (SM5K3/5K5)
    1 µs (MIN.) (1.67 MHz ± 20%, at 5 V ± 10%) (SM5K4)
• Large current output pins (LED direct drive) : 15mA (TYP.) x 4 (sink current)
• Supply voltages :
    2.2 to 5.5 V (SM5K3/5K5)
    2.7 to 5.5 V (SM5K4)
• Packages :
    30-pin SDIP (SDIP030-P-0400)
    32-pin SOP (SOP032-P-0525)
    36-pin QFP (QFP036-P-1010)
    28-pin SOP (SOP028-P-0450) (SM5K3/5K5)
    24-pin SSOP (SSOP024-P-0275) (SM5K4)




Similar Part No. - SM5K4

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
More results


Similar Description - SM5K4

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
SM5K6 SHARP-SM5K6 Datasheet
281Kb / 9P
4-Bit Single-Chip Microcomputer(Controller With 10-Bit A/D Converter)
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
NEC
UPD7810 NEC-UPD7810 Datasheet
1Mb / 26P
8 BIT SINGLE CHIP NMOS MICROCOMPUTERS WITH A/D CONVERTER
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
4-BIT SINGLE CHIP MICROCOMPUTERS
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
4-BIT SINGLE CHIP MICROCOMPUTERS
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com