Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFT800A Datasheet (PDF) - Diotec Semiconductor

UFT800A Datasheet PDF - Diotec Semiconductor
Part # UFT800A
Download  UFT800A Download
File Size   129.64 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Efficient Rectifiers - Single Diode

UFT800A Datasheet (PDF)

Go To PDF Page Download Datasheet
UFT800A Datasheet PDF - Diotec Semiconductor

Part # UFT800A
Download  UFT800A Click to download

File Size   129.64 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Efficient Rectifiers - Single Diode

UFT800A Datasheet (HTML) - Diotec Semiconductor


UFT800A Product details

Features
   Extremely low rev. recovery time Low forward voltage drop High power dissipation
   Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
   Rectification of higher frequencies High efficient switching stages
   Commercial grade 1)

Mechanical Data 1)
   Packed in tubes/cardboards 50/1000
   Weight approx. 1.8 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL N/A




Similar Part No. - UFT800A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
UFT800A DIOTEC-UFT800A Datasheet
130Kb / 2P
Superfast Efficient Rectifiers . Single Diode
UFT800A DIOTEC-UFT800A Datasheet
168Kb / 2P
Superfast Efficient Rectifier Diodes
UFT800A DIOTEC-UFT800A_13 Datasheet
130Kb / 2P
Superfast Efficient Rectifiers . Single Diode
UFT800A DIOTEC-UFT800A_17 Datasheet
168Kb / 2P
Superfast Efficient Rectifier Diodes
More results


Similar Description - UFT800A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FT2000AA DIOTEC-FT2000AA Datasheet
114Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
FR20AAD2 DIOTEC-FR20AAD2 Datasheet
134Kb / 2P
Superfast Silicon Rectifiers ??Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_10 Datasheet
123Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_13 Datasheet
124Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
UFT800A DIOTEC-UFT800A_13 Datasheet
130Kb / 2P
Superfast Efficient Rectifiers . Single Diode
FT2000AA DIOTEC-FT2000AA_15 Datasheet
124Kb / 2P
Superfast Silicon Rectifiers-Single Diode / Two Polarities
UGB8AT DIOTEC-UGB8AT_12 Datasheet
123Kb / 2P
Superfast Efficient Rectifiers - Single Diode
MUR860 DIOTEC-MUR860 Datasheet
176Kb / 2P
Superfast Efficient Rectifier Diodes
MUR420 DIOTEC-MUR420_16 Datasheet
135Kb / 2P
Superfast Efficient Rectifier Diodes
MUR420 DIOTEC-MUR420_17 Datasheet
149Kb / 2P
Superfast Efficient Rectifier Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com