Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

304MS8E Datasheet (PDF) - Hittite Microwave Corporation

304MS8E Datasheet PDF - Hittite Microwave Corporation
Part # 304MS8E
Download  304MS8E Download
File Size   181.14 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz

304MS8E Datasheet (PDF)

Go To PDF Page Download Datasheet
304MS8E Datasheet PDF - Hittite Microwave Corporation

Part # 304MS8E
Download  304MS8E Click to download

File Size   181.14 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC HIGH IP3 SINGLE-BALANCED SMT MIXER, 1.7 - 3 GHz

304MS8E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - 304MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
304MS8E HITTITE-304MS8E Datasheet
263Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
More results


Similar Description - 304MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC285 HITTITE-HMC285 Datasheet
215Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC304MS8 HITTITE-HMC304MS8 Datasheet
196Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
HMC304MS8 HITTITE-HMC304MS8_06 Datasheet
263Kb / 6P
GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER, 1.7 - 3 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC285 HITTITE-HMC285_08 Datasheet
189Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com