Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1084 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM1084 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM1084
Download  LM1084 Download
File Size   255.28 Kbytes
Page   7 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)

LM1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1084 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM1084
Download  LM1084 Click to download

File Size   255.28 Kbytes
Page   7 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)

LM1084 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM1084 Product details

DESCRIPTION
The LM1084 series of positive adjustable and fixed regulators are designed to provide 5A with high efficient.
All internal circuitry is designed to operate down to 1.3V input to output differential.
On-chip trimming adjusts the reference voltage to 1%.
Its low dropout voltage and fast transient response make it ideal for low voltage microprocessor applications.
Internal current and thermal limiting provides protection against any overload condition that would create excessive junction temperature.

FEATURES
● Output Current of 5A
● Fast Transient Response
● 0.04% Line Regulation
● 0.2% Load Regulation
● Internal Thermal and Current Limiting
● Adjustable or Fixed Output Voltage(1.5V, 1.8V, 2.5V, 3.3V, 5.0V)
● Surface Mount Package TO-263 3LD and TO-252 3L
● 100% Thermal Limit Burn-in
● Low Dropout Voltage 1.5V at 5A Output Current
● Moisture Sensitivity Level 3

APPLICATIONS
● High Efficiency Linear Regulators / Power Supply
● High Efficiency "Green" Computer Systems
● Constant Current Regulators
● Portable Instrumentation
● SMPS Post-Regulator
● Adjustable Power Supplies
● Powering VGA & Sound Card




Similar Part No. - LM1084

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
LM1084 5A Low Dropout Positive Regulators
logo
Tiger Electronic Co.,Lt...
LM1084-15 TGS-LM1084-15 Datasheet
2Mb / 1P
5A LOW DROPOUT POSITIVE REGULATOR
More results


Similar Description - LM1084

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2003
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
UA79HG ETC1-UA79HG Datasheet
253Kb / 4P
5A NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
5A Low drop positive voltage regulator adjustable and fixed
30-May-2007
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Linear Technology
LT138A LINER-LT138A_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
LT338A LINER-LT338A_15 Datasheet
225Kb / 14P
5A Positive Adjustable Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com