Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1108F Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM1108F Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM1108F
Download  LM1108F Download
File Size   216.66 Kbytes
Page   4 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 300mA CMOS L.D.O. Regulator

LM1108F Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1108F Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM1108F
Download  LM1108F Click to download

File Size   216.66 Kbytes
Page   4 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 300mA CMOS L.D.O. Regulator

LM1108F Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM1108F Product details

DESCRIPTION

The LM1108 is a fixed output,high accuracy(typically ±0.5%) CMOS low drop-out regulator.

Total supply current is typically 50µA at full load (20 to 60 times lower than in bipolar regulators).

LM1108 key features include ultra low noise operation, very low dropout voltage (typically 240mV at full load), and fast response to step changes in load.



FEATURES

●ExtremelyLow SupplyCurrent(50µA,Typ.)

●VeryLow Dropout Voltage

●300mA Output Current

●Compatible with MLCC

●High Output Voltage Accuracy+/- 1.4 %

●Standardor Custom Output Voltages

●Over Currentand Over Temperature Protection

●Small input/output differential : 0.3V for full load

●Moisture SensitivityLevel 3



APPLICATIONS

●BatteryOperated Systems

●Portable Computers

●Portable Cameras and Video Recorders

●Medical Instruments

●Instrumentation

●Cellular/GSM/PHS Phones

●Linear Post-Regulators for SMPS

●Pagers



 




Similar Part No. - LM1108F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108F HTC-LM1108F Datasheet
177Kb / 4P
300mA C-MOS L.D.O. Regulator
More results


Similar Description - LM1108F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1108F HTC-LM1108F Datasheet
177Kb / 4P
300mA C-MOS L.D.O. Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
300mA CMOS LDO Regulator
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
300mA CMOS Linear Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
Low Dropout 300mA CMOS Regulator
logo
HTC Korea TAEJIN Techno...
LM8805 HTC-LM8805 Datasheet
181Kb / 5P
600mA CMOS L.D.O. Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
Low Dropout 300mA CMOS Regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
CMOS 300mA LDO Voltage regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com