Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC346MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC346MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC346MS8G
Download  HMC346MS8G Download
File Size   240.96 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz

HMC346MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC346MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC346MS8G
Download  HMC346MS8G Click to download

File Size   240.96 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz

HMC346MS8G Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC346MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346MS8G HITTITE-HMC346MS8G Datasheet
265Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G Datasheet
316Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G_07 Datasheet
316Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
More results


Similar Description - HMC346MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346MS8G HITTITE-HMC346MS8G Datasheet
265Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC121G8 HITTITE-HMC121G8 Datasheet
105Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 8 GHz
HMC121C8 HITTITE-HMC121C8 Datasheet
191Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 10 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC346MS8G HITTITE-HMC346MS8G_07 Datasheet
316Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC121G8 HITTITE-HMC121G8_01 Datasheet
132Kb / 4P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346C8 HITTITE-HMC346C8_08 Datasheet
256Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_08 Datasheet
226Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346AMS8G AD-HMC346AMS8G Datasheet
898Kb / 4P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com