Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74HCT04AD Datasheet (PDF) - Motorola, Inc

MC74HCT04AD Datasheet PDF - Motorola, Inc
Part # MC74HCT04AD
Download  MC74HCT04AD Download
File Size   144.28 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Hex Inverter

MC74HCT04AD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HCT04AD Datasheet PDF - Motorola, Inc

Part # MC74HCT04AD
Download  MC74HCT04AD Click to download

File Size   144.28 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Hex Inverter

MC74HCT04AD Datasheet (HTML) - Motorola, Inc


MC74HCT04AD Product details

Hex Inverter With LSTTL–Compatible Inputs High–Performance Silicon–Gate CMOS

The MC74HCT04A may be used as a level converter for interfacing TTL or NMOS outputs to High–Speed CMOS inputs.
The HCT04A is identical in pinout to the LS04.

• Output Drive Capability: 10 LSTTL Loads
• TTL/NMOS–Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS and TTL
• Operating Voltage Range: 4.5 to 5.5V
• Low Input Current: 1µA
• In Compliance With the JEDEC Standard No. 7A Requirements
• Chip Complexity: 48 FETs or 12 Equivalent Gates




Similar Part No. - MC74HCT04AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT04AD ONSEMI-MC74HCT04AD Datasheet
126Kb / 8P
Hex Inverter
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC74HCT04AD MOTOROLA-MC74HCT04AD Datasheet
77Kb / 6P
With LSTTL-Compatible Inputs High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HCT04AD ONSEMI-MC74HCT04AD Datasheet
151Kb / 8P
Hex Inverter
October, 2006 ??Rev. 9
MC74HCT04ADG ONSEMI-MC74HCT04ADG Datasheet
151Kb / 8P
Hex Inverter
October, 2006 ??Rev. 9
MC74HCT04ADG ONSEMI-MC74HCT04ADG Datasheet
80Kb / 5P
Hex Inverter
August, 2015 ??Rev. 12
More results


Similar Description - MC74HCT04AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com