Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9170 Datasheet (PDF) - Integrated Device Technology

AV9170 Datasheet PDF - Integrated Device Technology
Part # AV9170
Download  AV9170 Download
File Size   190.27 Kbytes
Page   12 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Clock Synchronizer and Multiplier

AV9170 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV9170 Datasheet PDF - Integrated Device Technology

Part # AV9170
Download  AV9170 Click to download

File Size   190.27 Kbytes
Page   12 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Clock Synchronizer and Multiplier

AV9170 Datasheet (HTML) - Integrated Device Technology


AV9170 Product details

General Description
The AV9170 generates an output clock which is synchronized to a given continuous input clock with zero delay (±1ns at 5V VDD). Using ICS’s proprietary phaselocked loop (PLL) ana-log CMOS technology, the AV9170 is useful for regenerating clocks in high speed systems where skew is a major concern. By the use of the two select pins, multiples or divisions of the input clock can be generated with zero delay (see Tables 2 and 3). The standard versions produce two outputs, where CLK2 is always a divide by two version of CLK1.

Features
• On-chip Phase-Locked Loop for clocks synchronization
• Synchronizes frequencies up to 107 MHz (output) @ 5.0V
• ±1ns skew (max) between input & output clocks @ 5.0V
• Can recover poor duty cycle clocks
• CLK1 to CLK2 skew controlled to within ±1ns @ 5.0V
• 3.0 - 5.5V supply range
• Low power CMOS technology
• Small 8-pin DIP or SOIC package
• On chip loop filter
• AV9170-01, -04 for output clocks 20-107 MHz @ 5.0V, 20 - 66.7 MHz @ 3.3V
• AV9170-02, -05 for output clocks 5-26.75 MHz @ 5.0V, 5 - 16.7 MHz @ 3.3V




Similar Part No. - AV9170

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
AV9170-01CN8 ICST-AV9170-01CN8 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
AV9170-02CS8 ICST-AV9170-02CS8 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
AV9170-07CN08 ICST-AV9170-07CN08 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
More results


Similar Description - AV9170

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
Clock Synchronizer and Multiplier
Rev E 9/24/99
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
Clock Multiplier and Jitter Attenuator
Revision 031605
logo
Integrated Device Techn...
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
CLOCK SYNCHRONIZER AND MULTIPLIER
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
CLOCK/SYNCHRONIZER - SY02-PLL
SY02-PLL2 RALTRON-SY02-PLL2 Datasheet
152Kb / 6P
CLOCK/SYNCHRONIZER - SY02-PLL2
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
CLOCK MULTIPLIER AND JITTER ATTENUAT
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com