Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC482ST89 Datasheet (PDF) - Hittite Microwave Corporation

HMC482ST89 Datasheet PDF - Hittite Microwave Corporation
Part # HMC482ST89
Download  HMC482ST89 Download
File Size   244.4 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz

HMC482ST89 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC482ST89 Datasheet PDF - Hittite Microwave Corporation

Part # HMC482ST89
Download  HMC482ST89 Click to download

File Size   244.4 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz

HMC482ST89 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC482ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC482ST89 HITTITE-HMC482ST89 Datasheet
333Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC482ST89E HITTITE-HMC482ST89E Datasheet
333Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
More results


Similar Description - HMC482ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC478ST89 HITTITE-HMC478ST89 Datasheet
335Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC471MS8G HITTITE-HMC471MS8G_09 Datasheet
307Kb / 8P
SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC479MP86 HITTITE-HMC479MP86_10 Datasheet
224Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC479ST89 HITTITE-HMC479ST89_10 Datasheet
238Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com