Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTCV152 Datasheet (PDF) - Integrated Device Technology

IDTCV152 Datasheet PDF - Integrated Device Technology
Part # IDTCV152
Download  IDTCV152 Download
File Size   91.22 Kbytes
Page   15 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR

IDTCV152 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTCV152 Datasheet PDF - Integrated Device Technology

Part # IDTCV152
Download  IDTCV152 Click to download

File Size   91.22 Kbytes
Page   15 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR

IDTCV152 Datasheet (HTML) - Integrated Device Technology


IDTCV152 Product details

DESCRIPTION:
IDTCV152 is a 56 pin clock device, compliant with Intel CK410B specification.The CPU output buffer is designed to support up to 400MHz processor. This chip has three PLLs inside for CPU, SRC/PCI, and 48MHz IO clocks. This device also implements Band-gap referenced IREF to reduce the impact of VDDvariation on differential outputs, which can provide more robust system performance. Each CPU and SRC/PCI has its own Spread Spectrum selection, which allows for isolated changes instead of affecting other clock groups.

FEATURES:
• One high precision PLL for CPU, SSC, and N programming
• One high precision PLL for SRC/PCI, SSC, and N programming
• One high precision PLL for 48MHz
• Band-gap circuit for differential outputs
• Support spread spectrum modulation, down spread 0.5% and others
• Support SMBus block read/write, index read/write
• Selectable output strength for REF, 48MHz, PCI
• Allows for CPU frequency to change to a higher frequency for maximum system computing power
• Available in SSOP and TSSOP packages




Similar Part No. - IDTCV152

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Renesas Technology Corp
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV105EPV RENESAS-IDTCV105EPV Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
logo
Integrated Device Techn...
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Similar Description - IDTCV152

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV123 IDT-IDTCV123 Datasheet
78Kb / 16P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV125 IDT-IDTCV125 Datasheet
223Kb / 24P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV115-2 IDT-IDTCV115-2 Datasheet
107Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122CPVG IDT-IDTCV122CPVG Datasheet
183Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV126 RENESAS-IDTCV126 Datasheet
260Kb / 17P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JUNE 22, 2006
IDTCV133 RENESAS-IDTCV133 Datasheet
312Kb / 27P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JANUARY 2005
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com