Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC499LC4 Datasheet (PDF) - Hittite Microwave Corporation

HMC499LC4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC499LC4
Download  HMC499LC4 Download
File Size   244.08 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz

HMC499LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC499LC4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC499LC4
Download  HMC499LC4 Click to download

File Size   244.08 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz

HMC499LC4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC499LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC499LC4 HITTITE-HMC499LC4 Datasheet
348Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499LC4 HITTITE-HMC499LC4 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
314Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER
HMC499LC4 AD-HMC499LC4 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC499LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC499 HITTITE-HMC499 Datasheet
217Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
17-21 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B Datasheet
295Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC499LC4 HITTITE-HMC499LC4 Datasheet
348Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC341LC3B HITTITE-HMC341LC3B_09 Datasheet
206Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC499 HITTITE-HMC499_09 Datasheet
263Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC_15 Datasheet
166Kb / 8P
17-21 GHz Medium Power Amplifier
logo
Analog Devices
HMC499LC4 AD-HMC499LC4_18 Datasheet
314Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER
ADH499S AD-ADH499S Datasheet
209Kb / 7P
21 - 32 GHz Medium Power Amplifier
Rev. A
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com