Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4664 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SC4664 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SC4664
Download  2SC4664 Download
File Size   418.48 Kbytes
Page   9 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(8A NPN)

2SC4664 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4664 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4664
Download  2SC4664 Click to download

File Size   418.48 Kbytes
Page   9 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(8A NPN)

2SC4664 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SC4664 Product details

Switching Power Transistor 8A NPN




Similar Part No. - 2SC4664

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4664 SAVANTIC-2SC4664 Datasheet
223Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4664 JMNIC-2SC4664 Datasheet
106Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4664 ISC-2SC4664 Datasheet
129Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4664 SAVANTIC-2SC4664 Datasheet
225Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4664 JMNIC-2SC4664_15 Datasheet
106Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SC4664

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4055 SHINDENGEN-2SC4055 Datasheet
523Kb / 12P
Switching Power Transistor(8A NPN)
2SC4056 SHINDENGEN-2SC4056 Datasheet
524Kb / 12P
Switching Power Transistor(8A NPN)
2SC4057 SHINDENGEN-2SC4057 Datasheet
513Kb / 12P
Switching Power Transistor(8A NPN)
2SC4580 SHINDENGEN-2SC4580 Datasheet
432Kb / 10P
Switching Power Transistor(8A NPN)
2SC4834 SHINDENGEN-2SC4834 Datasheet
428Kb / 9P
Switching Power Transistor(8A NPN)
2SD1024 SHINDENGEN-2SD1024 Datasheet
447Kb / 8P
Darlington Transistor(8A NPN)
2SD1025 SHINDENGEN-2SD1025 Datasheet
540Kb / 8P
Darlington Transistor(8A NPN)
logo
Rohm
2SB1344 ROHM-2SB1344 Datasheet
329Kb / 7P
POWER TRANSISTOR (-100V, -8A)
logo
Toshiba Semiconductor
2SC3886A TOSHIBA-2SC3886A Datasheet
62Kb / 1P
TRANSISTOR SILICON NPN / 1400V / 8A / 50W
logo
SeCoS Halbleitertechnol...
3DD13007 SECOS-3DD13007 Datasheet
151Kb / 2P
8A , 700V NPN Plastic-Encapsulated Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com