Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC517LC4 Datasheet (PDF) - Hittite Microwave Corporation

HMC517LC4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC517LC4
Download  HMC517LC4 Download
File Size   228.56 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz

HMC517LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC517LC4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC517LC4
Download  HMC517LC4 Click to download

File Size   228.56 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz

HMC517LC4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC517LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
Analog Devices
HMC517LC4 AD-HMC517LC4 Datasheet
1Mb / 6P
SMT PHEMT LOW NOISE AMPLIFIER
More results


Similar Description - HMC517LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC516 HITTITE-HMC516 Datasheet
320Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC517 HITTITE-HMC517 Datasheet
317Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC516 HITTITE-HMC516_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC517 HITTITE-HMC517_09 Datasheet
246Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com