Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

535LP4E Datasheet (PDF) - Hittite Microwave Corporation

535LP4E Datasheet PDF - Hittite Microwave Corporation
Part # 535LP4E
Download  535LP4E Download
File Size   431.12 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz

535LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
535LP4E Datasheet PDF - Hittite Microwave Corporation

Part # 535LP4E
Download  535LP4E Click to download

File Size   431.12 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz

535LP4E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - 535LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
535LP4E AD-535LP4E Datasheet
614Kb / 10P
PHASE-LOCKED OSCILLATOR
More results


Similar Description - 535LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC535LP4 HITTITE-HMC535LP4 Datasheet
652Kb / 10P
PHASE-LOCKED OSCILLATOR, 14.7 - 15.4 GHz
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
logo
Pasternack Enterprises,...
PE19XC7001 PASTERNACK-PE19XC7001_V01 Datasheet
467Kb / 5P
1 GHz Phase Locked Oscillator
PE19XC7002 PASTERNACK-PE19XC7002_V01 Datasheet
467Kb / 5P
2 GHz Phase Locked Oscillator
PE19XC7003 PASTERNACK-PE19XC7003_V01 Datasheet
308Kb / 3P
4 GHz Phase Locked Oscillator
PE19XC7004 PASTERNACK-PE19XC7004_V01 Datasheet
464Kb / 5P
6 GHz Phase Locked Oscillator
PE19XC7006 PASTERNACK-PE19XC7006_V01 Datasheet
468Kb / 5P
1 GHz Phase Locked Oscillator
PE19XC7007 PASTERNACK-PE19XC7007_V01 Datasheet
467Kb / 5P
2 GHz Phase Locked Oscillator
PE19XC7008 PASTERNACK-PE19XC7008_V01 Datasheet
466Kb / 5P
4 GHz Phase Locked Oscillator
PE19XC7009 PASTERNACK-PE19XC7009_V01 Datasheet
466Kb / 5P
6 GHz Phase Locked Oscillator
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com