Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC570LC5 Datasheet (PDF) - Hittite Microwave Corporation

HMC570LC5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC570LC5
Download  HMC570LC5 Download
File Size   236.25 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz

HMC570LC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC570LC5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC570LC5
Download  HMC570LC5 Click to download

File Size   236.25 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz

HMC570LC5 Datasheet (HTML) - Hittite Microwave Corporation


HMC570LC5 Product details

General Description
The HMC570LC5 is a compact GaAs MMIC I/Q downconverter in a leadless RoHS compliant SMT package. This device provides a small signal conversion gain of 10 dB with a noise fi gure of 3 dB and 18 dB of image rejection across the frequency band. The HMC570LC5 utilizes an LNA followed by an image reject mixer which is driven by an active x2 multiplier. The image reject mixer eliminates the need for a fi lter following the LNA, and removes thermal noise at the image frequency. I and Q mixer outputs are provided and an external 90° hybrid is needed to select the required sideband. The HMC570LC5 is a much smaller alternative to hybrid style image reject mixer downconverter assemblies, and it eliminates the need for wire bonding by allowing the use of surface mount manufacturing techniques.

Features
   10 dB Conversion Gain
   Image Rejection: 18 dB
   2 LO to RF Isolation: 65 dB
   Noise Figure: 3 dB
   Input IP3: +2 dBm
   32 Lead 5x5mm SMT Package: 25mm2

Typical Applications
The HMC570LC5 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar, EW & ELINT
• Satellite Communications




Similar Part No. - HMC570LC5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
More results


Similar Description - HMC570LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC571LC5 HITTITE-HMC571LC5 Datasheet
242Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC966LP4E HITTITE-HMC966LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 17 - 20 GHz
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC570 HITTITE-HMC570_11 Datasheet
393Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC571 HITTITE-HMC571 Datasheet
269Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC571LC5 HITTITE-HMC571LC5_09 Datasheet
245Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 21 - 25 GHz
HMC967LP4E HITTITE-HMC967LP4E_11 Datasheet
889Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com