Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC591 Datasheet (PDF) - Hittite Microwave Corporation

HMC591 Datasheet PDF - Hittite Microwave Corporation
Part # HMC591_09
Download  HMC591 Download
File Size   298.12 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz

HMC591 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC591 Datasheet PDF - Hittite Microwave Corporation

Part # HMC591_09
Download  HMC591 Click to download

File Size   298.12 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz

HMC591 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC591_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
273Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591LP5 AD-HMC591LP5 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC591LP5E HITTITE-HMC591LP5E Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
More results


Similar Description - HMC591_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC590 HITTITE-HMC590_09 Datasheet
289Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6 - 10 GHz
HMC592 HITTITE-HMC592_09 Datasheet
292Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10 - 13 GHz
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC1029 HITTITE-HMC1029 Datasheet
1Mb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC998A AD-HMC998A Datasheet
1,009Kb / 16P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC7357LP5GE AD-HMC7357LP5GE Datasheet
659Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591 AD-HMC591 Datasheet
414Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com