Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

602LP4E Datasheet (PDF) - Hittite Microwave Corporation

602LP4E Datasheet PDF - Hittite Microwave Corporation
Part # 602LP4E
Download  602LP4E Download
File Size   364.82 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz

602LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
602LP4E Datasheet PDF - Hittite Microwave Corporation

Part # 602LP4E
Download  602LP4E Click to download

File Size   364.82 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz

602LP4E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - 602LP4E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
602 LITTELFUSE-602 Datasheet
99Kb / 1P
MINIATURE FUSEHOLDERS
logo
List of Unclassifed Man...
602 ETC2-602 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
logo
HAKKO Corporation
602 HAKKO-602 Datasheet
136Kb / 1P
Iron Holder / Solder Reel Stand
logo
EAO AG.
602-0000-00 EAO-602-0000-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results


Similar Description - 602LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC713LP3E HITTITE-HMC713LP3E Datasheet
566Kb / 12P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3 HITTITE-HMC713LP3_09 Datasheet
566Kb / 12P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC713LP3E HITTITE-HMC713LP3E_10 Datasheet
956Kb / 12P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
logo
Analog Devices
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com