Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC620 Datasheet (PDF) - Hittite Microwave Corporation

HMC620 Datasheet PDF - Hittite Microwave Corporation
Part # HMC620
Download  HMC620 Download
File Size   252.86 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q MIXER 3 - 7 GHz

HMC620 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC620 Datasheet PDF - Hittite Microwave Corporation

Part # HMC620
Download  HMC620 Click to download

File Size   252.86 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q MIXER 3 - 7 GHz

HMC620 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC620

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC620 HITTITE-HMC620 Datasheet
241Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
219Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4_09 Datasheet
219Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
More results


Similar Description - HMC620

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC620 HITTITE-HMC620 Datasheet
241Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4_09 Datasheet
219Kb / 6P
GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
GaAs MMIC I/Q MIXER
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
GaAs MMIC I/Q MIXER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com