Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC643 Datasheet (PDF) - Hittite Microwave Corporation

HMC643 Datasheet PDF - Hittite Microwave Corporation
Part # HMC643_09
Download  HMC643 Download
File Size   229.04 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz

HMC643 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC643 Datasheet PDF - Hittite Microwave Corporation

Part # HMC643_09
Download  HMC643 Click to download

File Size   229.04 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz

HMC643 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC643_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC643LC5 HITTITE-HMC643LC5 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643LC5 HITTITE-HMC643LC5 Datasheet
455Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643LC5 HITTITE-HMC643LC5_08 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
More results


Similar Description - HMC643_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC642LC5 HITTITE-HMC642LC5 Datasheet
362Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12.5 GHz
HMC643 HITTITE-HMC643 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643LC5 HITTITE-HMC643LC5 Datasheet
455Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC642 HITTITE-HMC642_09 Datasheet
229Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12.5 GHz
HMC642LC5 HITTITE-HMC642LC5_08 Datasheet
272Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12.5 GHz
HMC643LC5 HITTITE-HMC643LC5_08 Datasheet
330Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6_08 Datasheet
276Kb / 8P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com